Part Number Hot Search : 
P80N0 RC3403AN 0R010 2B0565 PC610 SA5532A AG01Z BA6845FS
Product Description
Full Text Search
 

To Download XFK-0901-4W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XFK-0901-4W
Features
* * * * * Frequency Range: 8 - 900 MHz Impedance Ratio: 1:4, Unbalanced to Balanced Industry Standard SMT package Available in Tape-and -Reel Low Cost
SURFACE MOUNT TRANSFORMER
Description
The XFK-0901-4W transformer is designed for applications that require small, low cost, and highly reliable surface mount components. Applications may be found in broadband, wireless and other communications systems.
Specifications
Parameter Frequency Range (MHz) Insertion Loss <1dB Insertion Loss <2dB Insertion Loss <3dB Impedance ratio Type Minimum 8 8 1:4 Maximum 900 900 -
Absolute Maximum Ratings
Parameter RF Power Operating Temperature Storage Temperature Re-flow Temperature Maximum +33 dBm -55 to +100 C -55 to +100 C + 240 C
Unbalanced to Balanced
Schematic
Package - S01
Pin Functions
Function SECONDARY SECONDARY CT SECONDARY DOT PRIMARY DOT PRIMARY Pin 1 2 3 4 5
Typical Test Data - Insertion Loss of two units back-to-back @ 25C. Primary Impedance 50 Ohms.
Insertion Loss
-1
-1.5
dB
-2
S21
-2.5
-3 8 107 206 305 404 503 602 701 800 Fre que ncy (M Hz)
Specifications and information on this data sheet are subject to change without notice.
1860 Hartog Drive, San Jose, California 95131 USA Leffelholzstr. 20, D-90441, Nurnberg, Germany 2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100 Tel: 001-408-436-7720 Tel: +49(0)911/9411 233 Tel: (86)21-5416-8648 Fax: 001-408-436-7689 Fax: +49(0)911/9411 198 Fax: (86)21-5416-8753 Email: Sales@premierdevices.com Email: Sales.germany@premierdevices.com Email: Sales.china@premierdevices.com


▲Up To Search▲   

 
Price & Availability of XFK-0901-4W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X